PART |
Description |
Maker |
ML1565QFNG ML1565 |
Step-Up-Down DC-DC Converts
|
MINILOGIC
|
UR6HCPS2-SP40-FG UR6HCPS2-SP40 |
Converts PS/2 Data to Serial or SPI
|
SEMTECH[Semtech Corporation]
|
UR3HCGNP-001-RH UR3HCGNP-001 |
IC Converts PS/2 Data to USB 集成电路转换PS / 2数据到USB
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
5962F9863301V9A 5962F9863301VCC 5962F9863301VXC AC |
Radiation Hardened 10-to-4 Line Priority Encoder AC SERIES, 9-BIT ENCODER, CDFP16 Radiation Hardened 10-to-4 Line Priority Encoder AC SERIES, 9-BIT ENCODER, CDIP16 Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP 0 to 70
|
Intersil, Corp. Intersil Corporation
|
HCS362 HCS362-I/P HCS362-I/SN HCS362-I HCS362-I/ST |
KEELOQ Code Hopping Encoder Consumer IC KeeloqHCS1XX/2XX/3XX Encoder Family Sell Sheet The HCS362 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS362 utilizes Microchip’s ...
|
Microchip Technology
|
PEC11 PEC11-4115F-S0012 PEC11-4120F-N0024 PEC11-41 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 12 mm Incremental Encoder
|
BOURNS INC Bourns Electronic Solutions
|
7448 |
Dcvice converts BCD input data into control signals for 7-segment displays Dcvice BCD码转换成控制信号段显示器输入数据
|
List of Unclassifed Manufacturers Unknow ETC Electronic Theatre Controls, Inc.
|
ADV7305AKST ADV7304AKST |
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs COLOR SIGNAL ENCODER, PQFP64
|
Analog Devices, Inc.
|
ECW1J-B24-BC0024L ECW0J-J24-BC0006L ECW1D-B36-BC00 |
Digital Contacting Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE ENCODER-DIGITAL CONTACTING SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Encoders Digital Contacting Bushing Mount SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: No
|
Bourns Electronic Solutions Bourns Inc. Bourns, Inc. Cypress Semiconductor, Corp. Harwin PLC Bourns Electronic Solut...
|
HEDR-5420-ES201 HEDR-5420-ES202 HEDR-5420-ES203 HE |
Mid-Sized Housed Encoder 中型壳编码器 HEDR-5421-EP111 · Mid-Sized Housed Encoder HEDR-5420-ES214 · Mid-Sized Housed Encoder HEDR-5420-ES211 · Mid-Sized Housed Encoder HEDR-5420-ES203 · Mid-Sized Housed Encoder HEDR-5420-ES202 · Mid-Sized Housed Encoder HEDR-5420-ES201 · Mid-Sized Housed Encoder
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard)
|
HEDS-9711R-200LPI51 HEDS-9710R-200LPI51 HEDS-9711R |
Small Optical Encoder Modules 小型光学编码器模 200 lpi Analog Output Small Optical Encoder Modules HEDS-9710#R50 · Small Optical Encoder Modules HEDS-9711#R50 · Small Optical Encoder Modules
|
Molex, Inc. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|